Part Number Hot Search : 
HA12237F GU90T03 D880Y D10LC20U 30150 B1335 UC384 SR160
Product Description
Full Text Search
 

To Download RG23AP110VAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RELAY
Adam Technologies, Inc.
GENERAL PURPOSE RELAY-TYPE RG2
R SERIES
INTRODUCTION: Adam Tech RG2 Relays are small general purpose relays available in eight different contact formats with either AC or DC coils and are available with PCB or Solder terminals. These relays are ideal for applications such as industrial control equipment, office machines, and medical equipment FEATURES: Contact ratings up to 7 amps AC and DC coils available PCB & Solder Plug-in terminals SPECIFICATIONS: ELECTRICAL: Contact arrangement: 1 to 4 Pole, Form A & C Contact material: Silver Alloy Contact Rating (Resistive load): 1, 2 & 3 Pole: 7A @ 250V AC 7A @ 30V DC 4 Pole: 5A @ 250V AC 5A @ 30V DC Max. Switching Voltage: 250V AC / 30V DC Max. Switching Power: 1540VA, 210W Contact resistance: 100 m max. Initial Insulation resistance: 1000 M min. @ 500V DC Dielectric withstanding voltage: Between Coil & Contact: 1500V AC 50/60Hz for 1 min. Between Contacts: 1000V AC 50/60Hz for 1 min. Operating time: 25 ms max. Release time: 25 ms max. Electrical Life: 100,000 Operations (at rated load) MECHANICAL: Vibration resistance (Endurance): 1.0mm Double Amplitude 10-55Hz Shock resistance: 10G min. Mechanical Life: 10,000,000 Operations (no load) TEMPERATURE RATING: Ambient temperature: -45C to +85C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: cUL Recognized File No. E305638
RG2-2C-S-24VDC
ORDERING INFORMATION GENERAL PURPOSE RELAY RG2 1C P 24 VDC
SERIES INDICATOR RG2 = Relay, General Purpose CONTACT FORM 1A = 1 form A 1C = 1 form C 2A = 2 form A 2C = 2 form C 3A = 3 form A 3C = 3 form C 4A = 4 form A 4C = 4 form C
TERMINALS P = PCB Terminals S = Solder/Plug-In QC = .187" Quick Connects
COIL TYPE VAC = Volts AC VDC = Volts DC
COIL VOLTAGE 6 = 6V 12 = 12V 24 = 24V 48 = 48V 110 = 110V 120 = 120V 220 = 220V 240 = 240V
OPTION: Add designator(s) to end of part number F = Top Mount flange
Pb
UL
(R)
(R)
c
(R)
US
V RoHS DE
COMPLIANT 2002 / 95 / EC
RoHS
COMPLIANT
60
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
RELAY
Adam Technologies, Inc.
RG2 SERIES
.866 [22.00] MAX.
GENERAL PURPOSE RELAY-TYPE RG2
R SERIES
1.732 [44.00] MAX. 1.10 [28.00] MAX. o.079 [2.00] TYP .173 [4.40]
TOP MOUNT FLANGE OPTION 1.378 [35.00] MAX.
.161 [4.10 ] .250 [6.35] .250 [6.35]
.525 [13.35] .525 [13.35] .161 [4.10] .250 [6.35] 1 5 12 13 RG2-1A RG2-1A 2 7 12 13 14 1 4 7 13 14 9 13 RG2-2A RG2-2A 2 5 8 14 1 4 7 13 4 8 12 14 1 4 7 13
.250 [6.35] 2 5 8 3 6 9 14
Recommended PCB Layout
2
1 5 9 13
2 6 10
3 7 11
4 8 12 14
RG2-3A RG2-3A
2 5 8 3 6 9 14 1 5 9 13
RG2-4A RG2-4A 2 6 10 3 7 11 4 8 12 14
RG2-1C RG2-1C DC Types @ DC Types @ 20 C20C
Nominal Voltage V DC 6 12 24 48 110/120 Pick-up Voltage V DC (max.) 4.8 9.6 19.2 38.4 88
RG2-2C RG2-2C
RG2-3C RG2-3C
RG2-4C RG2-4C
Drop-out Voltage V DC (min.) 0.6 1.2 2.4 4.8 11
Nominal Operating Current mA (10%) 150 75 37 19 8.2
Coil Resistance (10%) 40 160 640 2560 13,400
Operating Power W Nominal 0.9 0.9 0.9 0.9 1.0 Minimum 0.58 0.58 0.58 0.58 0.64
Max allowable Voltage V DC 6.6 13.2 26.4 52.8 132
AC Types (50/60 Hz) @ 20 Hz, AC Types (50/60 Hz) at 60 Hz, 60 C
Nominal Voltage V AC 6 12 24 48 110/120 220/240 Pick-up Voltage V DC (max.) 4.8 9.6 19.2 38.4 96 176
20C
Drop-out Voltage V DC (min.) 1.2 2.4 4.8 9.6 22 44 Nominal Operating Current mA (10%) 200 100 60 30 13.5 / 14.5 6.0 / 6.5 Coil Resistance (10%) 10 40 160 650 3400 1360 Nominal 1.20 Minimum 0.77 Operating Power VA Max allowable Voltage V DC 6.6 13.2 26.4 52.8 132 264
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
61


▲Up To Search▲   

 
Price & Availability of RG23AP110VAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X